Part Number Hot Search : 
TPC43 FZT2907A PQ1CG303 AD8250 228M00 BC847 M108I 74AC299
Product Description
Full Text Search
 

To Download 0872210026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/05/2009 please check www.molex.com for latest part information part number: 0872210026 status: active description: 1.27mm (.050") wide scsi pitch, 2.00mm (.079") connector pitch, 5.08mm (.200") power pitch, 3-in-1 combo connector, vertical, straddle mount, lead-free, 1.6mm (.063") pcb thickness documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family i/o connectors series 87221 application wire-to-board component type plug product name 3-in-1 combo product name scsi+ type n/a physical boot color n/a circuits (loaded) 84 circuits (maximum) 84 color - resin black durability (mating cycles max) 25 gender female lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount yes pitch - mating interface (in) 0.050 in pitch - mating interface (in) 0.079 in pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 1.27 mm pitch - mating interface (mm) 2.00 mm pitch - mating interface (mm) 5.08 mm pitch - term. interface (in) 0.050 in pitch - term. interface (in) 0.079 in pitch - term. interface (in) 0.200 in pitch - term. interface (mm) 1.27 mm pitch - term. interface (mm) 2.00 mm pitch - term. interface (mm) 5.08 mm plating min: mating (in) 101.6 plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: mating (m) 2.54 plating min: termination (in) 101.6 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 87221 series mates with 2mm receptacle, 8981 disk drive power connection system, 70498-4068 scsi+ plug
plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes ports 3 surface mount compatible (smc) yes temperature range - operating 0c to +85c termination interface: style straddle mount waterproof / dustproof no wire size awg n/a electrical current - maximum 1a shielded no voltage - maximum 12v dc solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers sales drawing sd-87221-006 this document was generated on 11/05/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0872210026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X